Part Number Hot Search : 
12AN3 RUEF800 5NK40 AS5040 11015 12232 ENA1198 IL2412S
Product Description
Full Text Search
 

To Download AK441024D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Accutek Microcircuit Corporation
DESCRIPTION
The Accutek AK63216Z SRAM Module consists of fast high performance SRAMs mounted on a low profile, 64 pin ZIP Board. The module utilizes four 28 pin 32K x 8 SRAMs in 300 mil SOJ packages and four decoupling capacitors mounted on the front side of a printed circuit board. Eliminating Pin 30 makes a 16K x 32 bit module using four 32K x 8 SRAMs. The SRAMs used have common I/O functions and single output enable functions. Also, four separate chip select (CE) connections are used to independently enable the four bytes. The modules can be supplied in a variety of access time values from 8 nSEC to 45 nSEC in CMOS or BiCMOS technology. The Accutek module is designed to have a maximum seated height of 0.500 inch. The module conforms to JEDEC-standard sizes and pin-out configurations. This, along with use of two pins for module memory density identification, PD 0 and PD 1 , minimizes interchangeability and design considerations when changing from one module size to the other in customer applications.
AK63216Z 16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
Top View
64-Pin ZIP
1
32
33
64
* Upward compatible with 32K x 32 (AK63232) 64K x 32 (AK63264), 256K x 32 (AK632256), 512K x 32 (AK632512) and 1 Meg x 32 (AK6321024) * Presence Detect, PD0 and PD1 for identifying module density * Fast Access Times range from 8 nSEC BiCMOS to 45 nSEC CMOS * TTL compatible inputs and outputs * Single 5 volt power supply - AK63216Z * Single 3.3 volt power supply - AK63216Z/3.3 * Operating temperature range in free air, 00C to 700C
FEATURES
* 16,384 x 32 bit organization * JEDEC standard 64 pin ZIP format * Common I/O, single OE functions with four separate chip selects (CE) * Low height, 0.500 inch maximum seated height
PIN NOMENCLATURE
A0 - A13 CE1 - CE4 DQ1 - DQ32 OE PD0 - PD1 Vcc Vss WE Address Inputs Chip Enable Data In/Data Out Output Enable Presence Detect Power Supply Ground Write Enable
PIN ASSIGNMENT
PIN # SYMBOL PIN # SYMBOL PIN # SYMBOL PIN # SYMBOL
FUNCTIONAL DIAGRAM
CE4 CE3 NC NC OE Vss DQ25 DQ17 DQ26 DQ18 DQ27 DQ19 DQ28 DQ20 A3 A10 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 A4 A11 A5 A12 Vcc A13 A6 DQ21 DQ29 DQ22 DQ30 DQ23
OE
1 2 3 4 5 6 7 8 9 10 11
Vss PD0 PD1 DQ1 DQ9 DQ2 DQ10 DQ3 DQ11 DQ4 DQ12 Vcc A0 A7 A1 A8
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
A2 A9 DQ13 DQ5 DQ14 DQ6 DQ15 DQ7 DQ16 DQ8 Vss WE NC NC CE2 CE1
33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48
A0
-
A13
14
AO DQ1 A13
OE WE
OE WE
DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8
DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8
CE
CE1
AO A13
OE WE
DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8
DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15 DQ16
CE
CE2
AO A13
MODULE OPTIONS
Leaded ZIP: AK63216Z
12 13 14 15 16
DQ31 DQ24 DQ32 Vss
WE
DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8
DQ17 DQ18 DQ19 DQ20 DQ21 DQ22 DQ23 DQ24
CE
CE3
AO - DQ1 A13 DQ2
PD0 = Open PD1 = Open
CE4
OE WE
DQ3 DQ4 DQ5 DQ6 DQ7 DQ8
DQ25 DQ26 DQ27 DQ28 DQ29 DQ30 DQ31 DQ32
CE
ORDERING INFORMATION PART NUMBER CODING INTERPRETATION
Position 1 Product 12345678
MECHANICAL DIMENSIONS
Inches
Top View ZIP
1
2
AK = Accutek Memory
4
3
2
Type
6
5
3
4 = Dynamic RAM 5 = CMOS Dynamic RAM 6 = Static RAM Organization/Word Width 1 = by 1 16 = by 16 4 = by 4 32 = by 32 8 = by 8 36 = by 36 9 = by 9 Size/Bits Depth 64 = 64K 256 = 256K 1024 = 1 MEG Package Type 4096 = 8192 = 16384 = 4 MEG 8 MEG 16 MEG
59
60 61 62 64 63
.100 x .100 ANGLE NOTCH
4
0.125 0.155 0.500 MAX
5
6
G = Single In-Line Package (SIP) S = Single In-Line Module (SIM) D = Dual In-Line Package (DIP) W = .050 inch Pitch Edge Connect Z = Zig-Zag In-Line Package (ZIP) Special Designation P = Page Mode N = Nibble Mode K = Static Column Mode W = Write Per Bit Mode V = Video Ram Separator - = Commercial 00C to +700C M = Military Equivalent Screened (-550C to +1250C) I = Industrial Temperature Tested (-450C to +850C) X = Burned In Speed (first two significant digits) DRAMS SRAMS 50 = 50 nS 8= 8 nS 60 = 60 nS 12 = 12 nS 70 = 70 nS 15 = 15 nS 80 = 80 nS 20 = 20 nS
1
C L 0.125 0.135
CC LL
32 0.050 TYP
7
3.590 3.610
33
CC LL
0.100 TYP
8
64
The numbers and coding on this page do not include all variations available but are shown as examples of the most widely used variations. Contact Accutek if other information is required.
0.100 TYP
EXAMPLES:
AK63216Z-12 16K x 32, 12 nSEC SRAM ZIP Module ACCUTEK MICROCIRCUIT CORPORATION BUSINESS CENTER at NEWBURYPORT 2 NEW PASTURE ROAD, SUITE 1 NEWBURYPORT, MA 01950-4054 PHONE: 978-465-6200 FAX: 978-462-3396 Email: sales@accutekmicro.com Internet: www.accutekmicro.com
Accutek reserves the right to make changes in specifications at any time and without notice. Accutek does not assume any responsibility for the use of any circuitry described; no circuit patent licenses are implied. Preliminary data sheets contain minimum and maximum limits based upon design objectives, which are subject to change upon full characterization over the specific operating conditions.
CC LL
0.200 MAX


▲Up To Search▲   

 
Price & Availability of AK441024D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X